Part Number Hot Search : 
7F0S20E FSS130D1 YA868C15 2SD14 A7601 75N10 20LM3 AN124
Product Description
Full Text Search
 

To Download 2SD2528 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD2528
Silicon NPN epitaxial planar type
For power amplification with high forward current transfer ratio
Unit: mm
s Features
q q q
9.90.3
3.00.5
4.60.2 2.90.2
High foward current transfer ratio hFE Satisfactory linearity of foward current transfer ratio hFE Full-pack package which can be installed to the heat sink with one screw (TC=25C)
Ratings 80 60 6 10 5 1 40 2.0 150 -55 to +150 Unit V V V A A A W C C
15.00.5
3.20.1
13.70.2 4.20.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC IB PC Tj Tstg
1.40.2 1.60.2 0.80.1
2.60.1
0.550.15
1
2
2.540.3 3 5.080.5
1:Base 2:Collector 3:Emitter TO-220D Full Pack Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
(TC=25C)
Symbol ICBO IEBO VCEO hFE* VCE(sat) fT ton tstg tf Conditions VCB = 80V, IE = 0 VEB = 6V, IC = 0 IC = 25mA, IB = 0 VCE = 4V, IC = 1A IC = 4A, IB = 0.1A VCE = 12V, IC = 0.4A, f = 10MHz IC = 4A, IB1 = 0.08A, IB2 = - 0.08A, VCC = 50V 30 0.4 2.0 0.6 60 500 2000 0.3 V MHz s s s min typ max 100 100 Unit A A V
*h
FE
Rank classification
P Q
Rank hFE
800 to 2000 500 to 1200
1
Power Transistors
PC -- Ta
50
2SD2528
IC -- VCE
TC=25C 7
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
10
Collector power dissipation PC (W)
Collector current IC (A)
40
(1)
(1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) With a 50 x 50 x 2mm Al heat sink (4) Without heat sink
8
6 5 4 3 2 1mA 1 0 IB=10mA 9mA 8mA 7mA 6mA 5mA 4mA 3mA 2mA
1
30
10-1
20
10
(2) (3) (4)
10-2
0 0 20 40 60 80 100 120 140 160
0
2
4
6
8
10
12
10-3 10-1
1
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
102 104 IC/IB=50
hFE -- IC
300
fT -- IC
VCE=12V f=10MHz TC=25C 100
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
10
103
Transition frequency fT (MHz)
10-1 1 10
1
30
102
10-1
10
10-2 10-1
1
10
10 10-2
3 0.003 0.01 0.03
0.1
0.3
1
3
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
ton, tstg, tf -- IC
100 30 Pulsed tw=1ms Duty cycle=1% IC/IB=50 (IB1=-IB2) VCC=50V TC=25C tstg 3 1 0.3 0.1 0.03 0.01 0 1 2 3 4 5 6 7 8 tf ton
Area of safe operation (ASO)
30 ICP t=1ms IC 3 1s 1 10ms
Switching time ton,tstg,tf (s)
10
Collector current IC (A)
10
0.3
0.1 Non repetitive pulse TC=25C 1 3 10 30 100
Collector current IC (A)
Collector to emitter voltage VCE (V)
2


▲Up To Search▲   

 
Price & Availability of 2SD2528

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X